Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711V Datasheet(PDF) 8 Page - NVE Corporation

Part # IL711V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711V Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL711V Datasheet HTML 4Page - NVE Corporation IL711V Datasheet HTML 5Page - NVE Corporation IL711V Datasheet HTML 6Page - NVE Corporation IL711V Datasheet HTML 7Page - NVE Corporation IL711V Datasheet HTML 8Page - NVE Corporation IL711V Datasheet HTML 9Page - NVE Corporation IL711V Datasheet HTML 10Page - NVE Corporation IL711V Datasheet HTML 11Page - NVE Corporation IL711V Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
V-Series Isolators
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
5 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL260V
IDD1
350
500
μA
IL261V
1.8
2.5
mA
IL262V
3.6
5
mA
IL711V
10
15
μA
IL721V
1.8
2.5
mA
IL715V
20
15
μA
IL716V
3.6
5
mA
IL717V
1.8
2.5
mA
Output Quiescent Supply Current
IL260V
IDD2
9
12.5
mA
IL261V
7.2
10
mA
IL262V
7.2
10
mA
IL711V
3.6
5
mA
IL721V
1.8
2.5
mA
IL715V
3.6
5
mA
IL716V
3.6
5
mA
IL717V
5.4
7.5
mA
Logic Input Current
II
−10
10
μA
Logic High Output Voltage
VOH
VDD − 0.1
VDD
V
IO = −20 μA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 μA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 5 V)
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Pulse Width(7)
PW
10
7.5
ns
50% Points, V
O
Propagation Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF
Pulse Width Distortion(2)
PWD
2
3
ns
CL = 15 pF
Pulse Jitter(10)
tJ
100
ps
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%–90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10%–90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
30
50
kV/μs
V
CM = 1500 VDC
t
TRANSIENT = 25 ns
Channel to Channel Skew
t
CSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
200
340
μA/Mbps
per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com