Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711V Datasheet(PDF) 3 Page - NVE Corporation

Part # IL711V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711V Datasheet(HTML) 3 Page - NVE Corporation

  IL711V Datasheet HTML 1Page - NVE Corporation IL711V Datasheet HTML 2Page - NVE Corporation IL711V Datasheet HTML 3Page - NVE Corporation IL711V Datasheet HTML 4Page - NVE Corporation IL711V Datasheet HTML 5Page - NVE Corporation IL711V Datasheet HTML 6Page - NVE Corporation IL711V Datasheet HTML 7Page - NVE Corporation IL711V Datasheet HTML 8Page - NVE Corporation IL711V Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
V-Series Isolators
3
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Safety and Approvals
VDE 0884-10 (File Number 5016933-4880-0001; currently certified 600 VRMS Working Voltage; 1000VRMS pending)
• Working Voltage (VIORM) 1000 VRMS (1415 VPK); basic insulation; pollution degree 2
• Transient overvoltage (VIOTM) 6000 VPK
• Surge voltage (VIOSM) 10 kVPK
• Each part tested at 2387 VPK for 1 second, 5 pC partial discharge limit
• Samples tested at 6000 VPK for 60 sec.; then 2122 VPK for 10 sec. with 5 pC partial discharge limit
IEC 61010-1 (Edition 2; TUV Certificate Numbers N1502812; N1502812-101)
Reinforced Insulation; Pollution Degree II; Material Group III
Package
Working Voltage
Wide-body SOIC/True 8™
300 VRMS
UL 1577 (Component Recognition Program File Number E207481)
5000 V
RMS/7072 V
PK isolation voltage
Each part tested at 6000 VRMS (8486 VPK) for 1 second; each lot sample tested at 5000 VRMS (7072 VPK) for 1 minute
IEC 60601-1
IEC 60601 specifies isolator creepage for medical safety, and is also used for demanding non-medical applications. With 5000 V isolation
and true 8 millimeter creepage, V-Series Isolators allow IEC 60601-1 compliance for 120V and 220/240V applications. Compliance is
follows:
Insulation
Single
3.0
4.0
Double
6.0
8.0
Single
2000
2500
Double
3000
4000
Creepage (mm)
Dielectric strength
Working Voltage (VRMS)
125
250
Soldering Profile
Per JEDEC J-STD-020C, MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com