Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD4243 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # LD4243
Description  POW-R-BLOK Dual SCR/Diode Isolated Module (430 Amperes / Up to 2200 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD4243 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LD4243 Datasheet HTML 1Page - Powerex Power Semiconductors LD4243 Datasheet HTML 2Page - Powerex Power Semiconductors LD4243 Datasheet HTML 3Page - Powerex Power Semiconductors LD4243 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
430 Amperes / Up to 2200 Volts
Revision Date: 11/1/2001
LD42__43
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: LD421843 is a 1800 Volt,
430 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LD42
18
20
22
43
LD42__43
Dual SCR/Diode
POW-R-BLOK
TM
Module
430 Amperes / 1800-2200 Volts
LD42 Outline Dimensions
Dimension
Inches
Millimeters
A
5.91
150.0
B
4.88
124.0
C
4.41
112.0
D
2.36
60.0
E
2.05
52.0
F
1.97
50.0
G
1.89
48.0
H
1.73
44.0
J
1.22
31.0
K
1.10
28.0
L
1.00
25.4
M
0.69
17.5
N
0.39
10.0
P
M10 Metric
M10
Q
0.26 Dia.
6.5 Dia.
R
0.24
6.0
S
0.12
3.0
T
.110 x .032
2.5 x 0.8
Note: Dimensions are for reference only.
Description:
Powerex Dual SCR/Diode Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T Aluminum Nitride Isolator
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T UL Recognized
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
J
F
C
B
A
R
L
H
Q - DIA. (4 TYP.)
P - M10 THD (3 TYP.)
K
D
G
M
N
S
E
T - (2 TYP.)
1
2
3
OUTLINE DRAWING
4
5
CONNECTION DIAGRAM
1
2
4
5
3


Similar Part No. - LD4243

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD42 LIGHTGRAPHIX-LD42 Datasheet
4Mb / 6P
LED WALL LIGHT
8 April 2026
LD42-W-A-R-AR LIGHTGRAPHIX-LD42-W-A-R-AR Datasheet
3Mb / 5P
LED WALL LIGHT
27 November 2023
logo
Powerex Power Semicondu...
LD420850 POWEREX-LD420850 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421050 POWEREX-LD421050 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421250 POWEREX-LD421250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
More results

Similar Description - LD4243

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
LD4343 POWEREX-LD4343 Datasheet
97Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LS4343 POWEREX-LS4343 Datasheet
99Kb / 4P
POW-R-BLOK Single SCR Isolated Module (430 Amperes / 1800-2200 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com