Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1384 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC1384
Description  Silicon NPN epitaxial planar type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1384 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC1384 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 4Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC1384
2
SJC00421AED
This product complies with the RoHS Directive (EU 2002/95/EC).
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
0
160
40
120
80
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature Ta (°C)
2SC1384_PC-Ta
0
10
8
2
6
4
0
1.50
1.25
1.00
0.75
0.50
0.25
IB = 10 mA
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
Ta = 25°C
Collector-emitter voltage VCE (V)
2SC1384_IC-VCE
0.01
0.1
1
10
0.001
0.01
0.1
1
10
IC / IB = 10
Ta = 75°C
25°C
−
25°C
Collector current IC (A)
2SC1383_VCE(sat)-IC
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB = 10
Ta = −25°C
25°C
75°C
Collector current IC (A)
2SC1383_VBE(sat)-IC
0.01
0.1
1
10
0
600
500
400
300
200
100
VCE = 10 V
Ta = 75°C
25°C
−
25°C
Collector current IC (A)
2SC1384_hFE-IC
−
1
−
10
−
100
0
200
160
120
80
40
VCB = 10 V
Ta = 25°C
Emitter current IE (mA)
2SC1384_fT-IE
1
10
100
0
50
40
30
20
10
IE = 0
f = 1 MHz
Ta = 25°C
Collector-base voltage VCB (V)
2SC1384_Cob-VCB
0.1
1
10
100
0
120
100
80
60
40
20
IC = 10 mA
Ta = 25°C
Base-emitter resistance RBE (kΩ)
2SC1384_VCER-RBE
0
12
10
8
2
6
4
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE = 10 V
Ta = 25°C
Base current IB (mA)
2SC1384_IC-IB
fT  IE
Cob  VCB
VCER  RBE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com