Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1384 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC1384
Description  Silicon NPN epitaxial planar type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1384 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC1384 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 4Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC1384
SJC00421AED
3
This product complies with the RoHS Directive (EU 2002/95/EC).
ICEO  Ta
Safe operation area
0
160
40
120
80
1
10
102
103
104
VCE = 10 V
Ambient temperature Ta (°C)
2SC1384_ICEO-Ta
0.1
1
10
100
0.001
0.01
0.1
1
10
Single pulse
Ta = 25°C
t = 10 ms
t = 1 s
ICP
IC
Collector-emitter voltage VCE (V)
2SC1384_ASO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com