Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1384 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1384
Description  Silicon NPN epitaxial planar type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1384 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1384 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 4Page - Panasonic Semiconductor 2SC1384 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Transistors
Publication date : October 2008
SJC00421AED
1
This product complies with the RoHS Directive (EU 2002/95/EC).
2SC1384
Silicon NPN epitaxial planar type
For low-frequency power amplification and driver amplification
Complementary to 2SA0684
Features
Low collector-emitter saturation voltage VCE(sat)
Complementary pair with 2SA0684
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
50
V
Emitter-base voltage (Collector open)
VEBO
5
V
Collector current
IC
1
A
Peak collector current
ICP
1.5
A
Collector power dissipation
PC
1
W
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 mA, IE = 0
60
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 0
50
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 mA, IC = 0
5
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 20 V, IE = 0
0.1
m
A
Forward current transfer ratio *1
hFE1 *2 VCE = 10 V, IC = 500 mA
85
340
hFE2
VCE = 5 V, IC = 1 A
50
Collector-emitter saturation voltage
VCE(sat) IC = 500 mA, IB = 50 mA
0.2
0.4
V
Base-emitter saturation voltage
VBE(sat) IC = 500 mA, IB = 50 mA
0.85
1.20
V
Transition frequency
fT
VCB = 10 V, IE = –50 mA, f = 200 MHz
200
MHz
Collector output capacitance
(Common base, input open circuited)
Cre
VCB = 10 V, IE = 0, f = 1 MHz
11
20
pF
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Rank
Q
R
S
hFE1
85 to 170
120 to 240
170 to 340
Package
Code
TO-92L-A1
Pin Name
1. Emitter
2. Collector
3. Base


Similar Part No. - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1384 PANASONIC-2SC1384 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
Weitron Technology
2SC1384 WEITRON-2SC1384 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
TRANSYS Electronics Lim...
2SC1384 TEL-2SC1384 Datasheet
62Kb / 1P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC1384 SECOS-2SC1384 Datasheet
146Kb / 3P
NPN Silicon General Purpose Transistor
More results

Similar Description - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com