Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS02 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CLS02
Description  Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CLS02 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CLS02 Datasheet HTML 1Page - Toshiba Semiconductor CLS02 Datasheet HTML 2Page - Toshiba Semiconductor CLS02 Datasheet HTML 3Page - Toshiba Semiconductor CLS02 Datasheet HTML 4Page - Toshiba Semiconductor CLS02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CLS02
2007-11-06
2
Marking
Abbreviation Code
Part No.
S02
CLS02
Standard Soldering Pad
Handling Precautions
1) Schottky barrier diodes have reverse current characteristics compared to other diodes. There is a possibility
that SBD will cause thermal runaway when used under high-temperature or high-voltage conditions. Be sure
to take forward and reverse loss into consideration during design.
2) The absolute maximum ratings, are rated values that must not be exceeded during operation, even for an
instant. The following are the general derating methods that we recommend for when designing a circuit
incorporating this device.
VRRM: Use this rating with reference to (1) above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account when designing a device for operation at low
temperatures.
IF (AV): We recommend that the worst case current be no greater than 80% of the maximum rating of IF
(AV) and that Tj be below 100°C. When using this device, take the margin into consideration by
using an allowable Tamax-IF (AV) curve.
IFSM: This rating specifies the non-repetitive peak current. This applies only to abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using the device in order to ensure high reliability. We recommend that
the device be used at a Tj of below 100°C.
3) Thermal resistance between junction and ambient fluctuates depending on the mounting condition of the
device. When using the device, design the circuit board and soldering land size to match the appropriate
thermal resistance value.
4) Refer to the databook on Rectifiers for further information.
Unit: mm
2.6
1.8
4.8
5.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com