Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS02 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CLS02
Description  Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CLS02 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CLS02 Datasheet HTML 1Page - Toshiba Semiconductor CLS02 Datasheet HTML 2Page - Toshiba Semiconductor CLS02 Datasheet HTML 3Page - Toshiba Semiconductor CLS02 Datasheet HTML 4Page - Toshiba Semiconductor CLS02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CLS02
2007-11-06
3
Pulse test
25°C
0.01
0.0
0.2
0.4
0.6
0.8
0.1
1
100
75°C
Tj = 125°C
10
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(board thickness: 1.6 t)
(soldering land)
Cathode 5.7 mm × 6.2 mm
Anode
4.5 mm × 3.4 mm
Instantaneous forward voltage vF
(V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
α = 60°
DC
0.0
0
4
8
12
16
4.0
2.0
10.0
180°
120°
6.0
60
0
20
40
80
100
120
140
0
4
8
16
60
0
20
40
80
100
120
140
4
0
8
16
DC
α = 60°
180°
12
12
8.0
120°
DC
1000
0.1
100
10
0.3
0.5
30
50
300
500
0.001
1000
0.01
0.1
100
10
1
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(board thickness: 1.6 t)
(soldering land)
Cathode 5.7 mm × 6.2 mm
Anode
4.5 mm × 3.4 mm
0.003
0.03
0.3
3
30
300
Time t (s)
rth (j-a) – t
1
5
3
360°
0°
Rectangular
waveform
α
Conduction angle
α
360°
0°
α
VR = 20 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
360°
0°
α
VR = 20 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
1.0
α = 180°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com