Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS02 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CLS02
Description  Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CLS02 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CLS02 Datasheet HTML 1Page - Toshiba Semiconductor CLS02 Datasheet HTML 2Page - Toshiba Semiconductor CLS02 Datasheet HTML 3Page - Toshiba Semiconductor CLS02 Datasheet HTML 4Page - Toshiba Semiconductor CLS02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CLS02
2007-11-06
1
TOSHIBA Schottky Barrier Diode
CLS02
Switching-Mode Power Supply (Secondary-Rectification)
Applications (Low Voltage)
DC/DC Converter Applications
• Forward voltage: VFM = 0.55 V (max)
• Average forward current: IF (AV) = 10 A
• Repetitive peak reverse voltage: VRRM = 40 V
• Suitable for compact assembly due to small surface-mount package:
“L−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
40
V
Average forward current
IF (AV)
10 (Note.1)
A
Non-repetitive peak surge current
IFSM
100 (50 Hz)
A
Junction temperature
Tj
−40~125
°C
Storage temperature range
Tstg
−40~150
°C
Note1: Tℓ
= 75°C
Rectangular waveform (
α = 180°), VR = 20 V
Note2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 3.0 A (pulse test)
⎯
0.36
⎯
VFM (2)
IFM = 5.0 A (pulse test)
⎯
0.41
⎯
V
Peak forward voltage
VFM (3)
IFM = 10 A (pulse test)
⎯
0.5
0.55
IRRM (1)
VRRM = 5 V (pulse test)
⎯
4.0
⎯
μA
Peak repetitive reverse current
IRRM (2)
VRRM = 40 V (pulse test)
⎯
0.03
1.0
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
⎯
420
⎯
pF
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy
board
(board size: 50 mm
× 50 mm)
(board thickness: 1.6 t)
(soldering land)
Cathode 5.7 mm × 6.2 mm
Anode
4.5 mm × 3.4 mm
⎯
⎯
100
°C/W
Thermal resistance
(junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
5
°C/W
Unit: mm
0.6
± 0.1
4
± 0.2
1.5
± 0.1
2.7
± 0.2
①
②
①
ANODE
②
CATHODE
1.2
± 0.1
JEDEC
⎯
JEITA
⎯
TOSHIBA
3-4F1A
Weight: 0.15 g (typ.)


Similar Part No. - CLS02

ManufacturerPart #DatasheetDescription
logo
CUI INC
CLS0201MA CUI-CLS0201MA Datasheet
785Kb / 2P
LOW PROFILE SPEAKER
logo
CUI Devices
CLS0201MA CUID-CLS0201MA Datasheet
518Kb / 3P
SPEAKER
08/05/2022
logo
CUI INC
CLS0201MA-L152 CUI-CLS0201MA-L152 Datasheet
186Kb / 2P
LOW PROFILE SPEAKER
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
logo
CUI Devices
CLS0201MA-L152 CUID-CLS0201MA-L152 Datasheet
517Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - CLS02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATIONS
CLS01 TOSHIBA-CLS01 Datasheet
209Kb / 5P
Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
CLS03 TOSHIBA-CLS03 Datasheet
209Kb / 5P
Switching-Mode Power Supply (Secondary-Rectification) Applications (Low Voltage)
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com