Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6084 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC6084
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC6084 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC6084 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC6084 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Power Transistor
2SC6084
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 800V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):3V(Max) @IC= 2.7A
APPLICATIONS
· Switching Regulators
· Motor drivers ,LED driver,Power supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
5
A
ICP
Collector Current-Pulse
12
A
PC
Total Power Dissipation
@ Ta=25℃
1.75
W
Total Power Dissipation
@ TC=25℃
50
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
3
2
1
TO-220C Package
Pin 1 Base
2 Collector
3 Emitter


Similar Part No. - 2SC6084

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6084 SANYO-2SC6084 Datasheet
51Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
More results

Similar Description - 2SC6084

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com