Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL431
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL431_V01 Datasheet HTML 4Page - STMicroelectronics TL431_V01 Datasheet HTML 5Page - STMicroelectronics TL431_V01 Datasheet HTML 6Page - STMicroelectronics TL431_V01 Datasheet HTML 7Page - STMicroelectronics TL431_V01 Datasheet HTML 8Page - STMicroelectronics TL431_V01 Datasheet HTML 9Page - STMicroelectronics TL431_V01 Datasheet HTML 10Page - STMicroelectronics TL431_V01 Datasheet HTML 11Page - STMicroelectronics TL431_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
TL431, TL432
8/22
DocID4467 Rev 17
Reference input voltage deviation overtemperature range
∆V
ref is defined as the difference between the maximum and minimum values obtained over
the full temperature range.
∆V
ref = Vref max - Vref min
Figure 6. Reference input voltage deviation overtemperature range
Table 6. TL431IY (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
TL431IY
TL431AIY
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference input voltage
VKA = Vref, Ik = 10 mA
Tmin ≤ Tamb ≤ Tmax
2.44
2.41
2.495
-
2.55
2.58
2.47
2.44
2.495
-
2.52
2.55
V
∆V
ref
Reference input voltage deviation overtemperature
range(1)
VKA = Vref, Ik = 10 mA, Tmin≤ Tamb ≤ Tmax
-
7
30
-
7
30
mV
Ratio of change in reference input voltage to change
in cathode to anode voltage
Ik = 10 mA, ∆VKA = 10 V to Vref
Ik = 10 mA, ∆VKA = 36 V to 10 V
-2.7
-2
-1.4
-1
-
-
-2.7
-2
-1.4
-1
-
-
mV/V
Iref
Reference input current
Ik = 10 mA, R1 = 10 kΩ, R2 = ∞
Tmin ≤ Tamb ≤ Tmax
-
-
1.8
-
4
6.5
-
-
1.8
-
4
6.5
µA
∆I
ref
Reference input current deviation overtemperature
range
Ik = 10 mA, R1 = 10 kΩ, R2 = ∞, Tmin ≤ Tamb ≤
Tmax
-
0.8
2.5
-
0.8
1.2
µA
Imin
Minimum cathode current for regulation
VKA = Vref
-
0.5
1
-
0.5
0.6
mA
Ioff
Off-state cathode current
Tmin ≤ Tamb ≤ Tmax
-
-
2.6
1000
3000
-
-
2.6
1000
3000
nA
ZKA
Dynamic impedance(2)
VKA = Vref, ∆ Ik = 1 to 100 mA, F ≤ 1 kHz
-
0.22
0.5
-
0.22
0.5
Ω
1. See definition of Section : Reference input voltage deviation overtemperature range below.
2. The dynamic impedance is defined as
|ZKA| =
∆Vref
∆Vka
------------
∆V
KA
I
k
∆
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com