Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TL431
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TL431_V01 Datasheet HTML 9Page - STMicroelectronics TL431_V01 Datasheet HTML 10Page - STMicroelectronics TL431_V01 Datasheet HTML 11Page - STMicroelectronics TL431_V01 Datasheet HTML 12Page - STMicroelectronics TL431_V01 Datasheet HTML 13Page - STMicroelectronics TL431_V01 Datasheet HTML 14Page - STMicroelectronics TL431_V01 Datasheet HTML 15Page - STMicroelectronics TL431_V01 Datasheet HTML 16Page - STMicroelectronics TL431_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID4467 Rev 17
13/22
TL431, TL432
Package information
22
4.1
SO-8 package information
Figure 24. SO-8 package outline
Table 7. SO-8 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
1.75
-
-
0.069
A1
0.10
-
0.25
0.004
-
0.010
A2
1.25
-
-
0.049
-
-
b
0.28
-
0.48
0.011
-
0.019
c
0.17
-
0.23
0.007
-
0.010
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
-
1.27
-
-
0.050
-
h
0.25
-
0.50
0.010
-
0.020
L
0.40
-
1.27
0.016
-
0.050
L1
-
1.04
-
-
0.040
-
k
0°
-
8°
0°
-
8°
ccc
-
-
0.10
-
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com