Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL431
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431 Datasheet(HTML) 1 Page - STMicroelectronics

  TL431_V01 Datasheet HTML 1Page - STMicroelectronics TL431_V01 Datasheet HTML 2Page - STMicroelectronics TL431_V01 Datasheet HTML 3Page - STMicroelectronics TL431_V01 Datasheet HTML 4Page - STMicroelectronics TL431_V01 Datasheet HTML 5Page - STMicroelectronics TL431_V01 Datasheet HTML 6Page - STMicroelectronics TL431_V01 Datasheet HTML 7Page - STMicroelectronics TL431_V01 Datasheet HTML 8Page - STMicroelectronics TL431_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
September 2022
DocID4467 Rev 17
1/22
TL431
TL432
Automotive adjustable voltage reference
Datasheet
- production data
Features
• AEC-Q100 qualified
• Adjustable output voltage: 2.5 to
36 V
• Sink current capability: 1 to 100 mA
• Typical output impedance: 0.22 Ω
• 0.5% voltage precision only on the TL431B
version
• 1% and 2% voltage precision
• Automotive temp. range -40 °C to +125 °C
Applications
• Power supply
• Industrial
• Automotive
Description
The TL431 and TL432 are adjustable shunt
voltage references with guaranteed temperature
stability over the entire operating temperature
range. The device temperature range is extended
for the automotive version from -40 °C up to
+125 °C. The output voltage can be set to any
value between 2.5 and 36 V with two external
resistors. The TL431 and TL432 operate with a
wide current range from 1 to 100 mA with a typical
dynamic impedance of 0.22 Ω.
D
SO-8
(Batwing plastic micropackage)
Z
TO-92
(Plastic package)
L
SOT23-3
L
SOT23-5
C
SOT323-6
www.st.com


Similar Part No. - TL431_V01

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
TL431 LUGUANG-TL431_V01 Datasheet
943Kb / 2P
Adjustable Accurate Reference
logo
Texas Instruments
TL431 TI-TL431_V01 Datasheet
3Mb / 83P
TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
logo
Silicon Supplies
TL431 SS-TL431_V01 Datasheet
393Kb / 4P
Adjustable Voltage Reference
Rev 1.0 02/05/20
logo
NXP Semiconductors
TL431 NXP-TL431_V01 Datasheet
352Kb / 27P
Adjustable precision shunt regulator
Rev. 5 - 01 September 2015
logo
Shanghai Shunye Electro...
TL431 SHUNYE-TL431_V01 Datasheet
375Kb / 2P
VOLTAGE REGULATORS
V2.22
More results

Similar Description - TL431_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
Low-Voltage Adjustable Precision Voltage Reference
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
Adjustable Micropower Voltage Reference
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431_07 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
logo
Silicon Supplies
TL431 SS-TL431 Datasheet
289Kb / 4P
Adjustable Voltage Reference
TLV431W SS-TLV431W Datasheet
466Kb / 4P
Adjustable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com