Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AC Datasheet(PDF) 19 Page - STMicroelectronics

Part # TL431AC
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TL431AC Datasheet HTML 14Page - STMicroelectronics TL431AC Datasheet HTML 15Page - STMicroelectronics TL431AC Datasheet HTML 16Page - STMicroelectronics TL431AC Datasheet HTML 17Page - STMicroelectronics TL431AC Datasheet HTML 18Page - STMicroelectronics TL431AC Datasheet HTML 19Page - STMicroelectronics TL431AC Datasheet HTML 20Page - STMicroelectronics TL431AC Datasheet HTML 21Page - STMicroelectronics TL431AC Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DocID4467 Rev 17
19/22
TL431, TL432
Ordering information
22
5
Ordering information
Table 13. Order codes
Order code
Accuracy (%)
Temperature range
Package
Packing
Marking
TL431CD
TL431CDT
2
0 °C to +70 °C
SO-8
Tube or
Tape and reel
431CH
TL431ACD
TL431ACDT
1
431ACH
TL431CZ
TL431CZT
TL431CZ-AP
2
TO-92
Bulk or
Tape or
Ammopack
TL431C
TL431ACZ
TL431ACZT
TL431ACZ-AP
1
TL431AC
TL431CL3T
2
SOT23-3
Tape
L19
TL431ACL3T
1
L18
TL431CL5T
2
SOT23-5
L19
TL431ACL5T
1
L18
TL431CCT
2
SOT323-6
31C
TL431ACCT
1
31C
TL431ID
TL431IDT
2
-40 °C to +105 °C
SO-8
Tube or
tape and reel
431IH
TL431AID
TL431AIDT
1
431AIH
TL431IZ
TL431IZT
TL431IZ-AP
2
TO-92
Bulk or
Tape or
Ammopack
TL431I
TL431AIZ
TL431AIZT
TL431AIZ-AP
1
TL431AI
TL431IL3T
2
SOT23-3
Tape
L17
TL431AIL3T
1
L16
TL432IL3T
2
SOT23-3
32I
TL432AIL3T
1
32AI
TL431IL5T
2
SOT23-5
L17
TL431AIL5T
1
L16
TL431ICT
2
SOT323-6
31I
TL431AICT
1
31I
TL431BL3T
0.5
-40 °C to +125 °C
SOT23-3
1B
TL432BL3T
0.5
-40 °C to +125 °C
SOT23-3
2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com