Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AC Datasheet(PDF) 21 Page - STMicroelectronics

Part # TL431AC
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TL431AC Datasheet HTML 14Page - STMicroelectronics TL431AC Datasheet HTML 15Page - STMicroelectronics TL431AC Datasheet HTML 16Page - STMicroelectronics TL431AC Datasheet HTML 17Page - STMicroelectronics TL431AC Datasheet HTML 18Page - STMicroelectronics TL431AC Datasheet HTML 19Page - STMicroelectronics TL431AC Datasheet HTML 20Page - STMicroelectronics TL431AC Datasheet HTML 21Page - STMicroelectronics TL431AC Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID4467 Rev 17
21/22
TL431, TL432
Revision history
22
6
Revision history
nes
Table 14. Document revision history
Date
Revision
Changes
01-Mar-2002
1
Initial release.
01-Nov-2005
2
PPAP references inserted in order codes table on cover page.
13-Dec-2006
3
Corrected TO-92 package information.
08-Jun-2007
4
Specified that SO-8 package is batwing package.
In electrical characteristics tables, moved negative values from max column to
min column.
Corrected captions of Figure 7 and of Figure 18.
Added footnote to Table 8: TO-92 bulk package mechanical data.
25-Feb-2008
5
Corrected SO-8 package mechanical data.
Corrected footnote for automotive grade order codes in order code table.
Corrected packing information for TO-92 devices in order code table.
04-Jun-2009
6
Changed IMIN to 0.6 mA in Table 3 and Table 4.
Increased temperature range to 125°C in temperature curves.
Added Table 5, dedicated to automotive version.
Increased high temperature for automotive range up to +125 °C in Table 5 and
in Table 12: Order codes.
Inserted accuracy column in Table 12.
09-Jun-2009
7
Corrected minor error in package column in Table 12.
14-Mar-2011
8
Added Figure 3 on page 3, Section 4.4 on page 15 and Section 4.5 on page
16
.
07-Oct-2011
9
Added new package mechanical data Table 11 on page 17 and Figure 29 on
page 17
.
Updated Table 12 on page 18.
17-Nov-2011
10
Added new part number TL432, new order code Table 12 on page 18 and pin
connection for TL432 Figure 3 on page 3.
03-Dec-2012
11
Removed temperature range in title Table 3 on page 5, Table 4 on page 6 and
Table 5 on page 7
.
07-Dec-2017
12
Updated main title on page 1 and Section : Features on page 1, (added
“automotive” - AEC-Q100 qualified).
Updated Table 1 on page 4 (updated Rthja and Rthjc).
Minor modifications throughout document.
10-Sep-2020
13
Added the part number
TL431B and all its occurrences throughout the
document.
23-Sep-2020
14
Updated Table 4: TL431B (Tamb = 25 °C unless otherwise specified).
08-Feb-2021
15
Updated
Table 13: Order codes.
14-Feb-2022
16
Added new order code TL432BL3T and updated Marking in Table 13.
02-Sep-2022
17
Added min. and max. values dimension d in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com