Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7.92-R330RM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M7.92-R330RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M7.92-R330RM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M7.92-R330RM Datasheet HTML 1Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 2Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 3Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 4Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 5Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 6Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 7Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 8Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MZ9 TYPE
Starter PTC THERMISTOR
FEATURES
*As a non-tounched swich in cold compressor and motor.
*High reliability life etc.
APPLICATON ENVIROMENTAL CONDITIONS
*Envionmental tepmerature:
-20℃~ +85℃
*Relative humidity: 98%(+40℃± 2℃)
*Vibration frequency:
10~55Hz
*Acceleration: 98m/s
2
DIMENSIONS
MAIN TECHNICAL PARAMETER
Part No
Switch
Tmperature(℃)
Resistance
Value(O)
Resistance
Tolerance
Max
Voltage(v)
Max
Power(W)
Max
Current(A)
Time to
Tip(S)
Recover
Time(S)
MZ92-P220RM
120
22
~20%
300
3.5
7.0
0.35-20
≤120
MZ92-P330RM
120
33
±20%
300
. 3.5
7.0
0.35-2.0
≤120
MZ92-P470RM
120
47
±20%
300
3.5
7.0
0.35-2.0
≤120
MZ92-R220RM
135
22
±20%
355
3.3
6.0
0.4-2.0
≤65
M7.92-R330RM
135
33
±20%
355
3.3
6.0
0.4-2.0
≤85
MZ92-N101RM
100
100
±20%
270
2.0
2.5
1.2-3.0
≤180
MZ93-2220AM
120
22
+20%
300
3.0
7.0
0.4-2.0
≤90
MZ93-P330RM
120
33
±20%
355
3.5
6.0
0.45-1.35
≤65
MZ93-P470RM
120
47
±20%
400
4.0
5.0
0.5-1.4
≤65
MZ93-R220RM
135
22
±20%
300
3.0
7.0
0.4-1.2
≤90
MZ93R330RM
135
33
±20%
355
3.5
6.0
0.45-1.35
≤65
MZ93-R470RM
135
47
±20%
400
4.0
5.0
0.5-1.4
≤65
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com