Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7.92-R330RM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M7.92-R330RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M7.92-R330RM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  M7.92-R330RM Datasheet HTML 1Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 2Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 3Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 4Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 5Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 6Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 7Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 8Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
THE PARAMETER OF TRANSFORMER
Part No.
Non-operating
Current
(mA)
Tip
Current
(mA)
Rated
resistance
(Ω)
Rated
Temperature
(℃)
Mzx
Dimensions
(mm)
Max
Vaitago
(V)
MZ21-M201RM
10
20
200
Ф4 x 5
360
MZ21-M151RM
15
30
150
Ф6.5 x 5
360
ML21-M101RM
40
80
100
Ф8.5x5
360
MZ21-M500RM
50
100
50
Ф8 x 5
270
MZ21-M100RM
130
260
10
Ф8.5 x 5
270
MZ21-M150RM
150
300
15
Ф10 x 5
270
MZ21-M100RM
180
360
10
80
Ф15 x 5
270
MZ21-N201RM
15
30
200
Ф4x5
270
MZ21-N151RM
30
60
150
Ф6.5 x 5
270
MZ21-N101RM
50
100
100
Ф5.5x5
270
MZ21-N820RM
80
160
82
Ф8 x 5
270
MZ21-N150RM
150
300
15
Ф13x5
270
MZ21-N100RM
180
360
10
Ф15 x 5
270
MZ21-N8R0RM
200
400
8
Ф15 x 5
270
MZ21-N5R0RM
250
500
5
Ф18x5
270
MZ21-N3R0RM
400
800
3
100
Ф25 x 5
270
Operating temperature range -10℃-- +60℃
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com