Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7.92-R330RM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M7.92-R330RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M7.92-R330RM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M7.92-R330RM Datasheet HTML 1Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 2Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 3Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 4Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 5Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 6Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 7Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 8Page - List of Unclassifed Manufacturers M7.92-R330RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
THE PARAMETER OF TELECIMMUNICATION FACOLITIES
Responding Time
Current(tirne)
Part No.
Nominal
Resistance
25℃
Non-operati
ng
Current
(mA)
3A
|
0.5
A
2A
|
0.5
A
1A
|
0.5
A
0.75
A
|
0.15
A
0.5A
|
0.15A
0.35
A
|
0.15
A
Breakdow
n
Voltage
(VAC)
Power
frequency
Current
3A
Shock
Current
Dimensions
(Max)
MZ21-8R0RM
8
150
0.4
0.8
3
10
25
70
250
20
10
Ф9x35
MZ21-120RM
12
110
03
0.45 1.5
5
15
20
250
20
10
Ф9 x 35
MZ21-180RM
18
110
0.2
0.35 1.2
5
15
20
250
20
10
Ф8 x 35
MZ21-400RM
40
50
0.1
0.2
0.6
1
3
20
360
20
10
Ф7.5 x 5
MZ21-500AM
50
50
0.1
0.3
0.6
1
3
20
420
20
10
Ф7.5x5
MZ21-B20RM
82
50
0.1
0.3
0.6
1
3
20
420
20
10
Ф7.5 x 5
MZ21101AM
100
50
0.15 0.25 0.6
1
2
3
420
20
10
Ф9.0x45
MZ22-8R0RM
8
150
0.4
0.5
3
10
25
70
250
20
10
l0<9.0x5
MZ22-120RM
12
80
0.2
0.3
1.5
5
20
50
250
20
30
10 x 9.6 x 5
MZ22-180RM
18
110
0.2
0.35 1.2
5
15
20
250
20
30
10 x 0.6x5
MZ22-220RM
22
110
0.2
0.35 1.2
5
15
20
250
20
30
10 x 9.6x5
MZ22-270RM
27
90
0.1
0.2
0.5
0.8
2
4
420
20
30
l0 x 9.6x5
MZ22-500RM
50
50
0.2
0.3
0.6
1
3
20
420
20
30
10 x 9.6x5
MZ23-80RM
8
150
0.4
0.8
3
10
25
70
250
20
30
Ф(7-9) x
(1.6-2.5)
MZ23-120AM
12
130
03
0.5
2.5
7
20
50
250
20
30
Ф(7-9) x
(1.6-2.5)
MZ23-180RM
18
110
0.2
0.35 1.2
5
15
20
250
20
30
Ф(6-9)x(1.6-2.5)
MZ23-220RM
22
110
0.2
035
1.2
5
15
20
250
20
30
Ф(6-8) x
(1.6-2.5)
MZ23-270RM
27
90
0.1
0.2
0.5
0.8
2
4
250
20
30
Ф(6-8) x
(1.6-2.5)
MZ21 MZ22: l0/l000µs. 1KV. 25A;
MZ23: 10/310µs. 1.5KV. 37.5A.
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com