Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD54008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD54008-E Datasheet HTML 9Page - STMicroelectronics PD54008-E Datasheet HTML 10Page - STMicroelectronics PD54008-E Datasheet HTML 11Page - STMicroelectronics PD54008-E Datasheet HTML 12Page - STMicroelectronics PD54008-E Datasheet HTML 13Page - STMicroelectronics PD54008-E Datasheet HTML 14Page - STMicroelectronics PD54008-E Datasheet HTML 15Page - STMicroelectronics PD54008-E Datasheet HTML 16Page - STMicroelectronics PD54008-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PD54008-E, PD54008S-E
Test circuit
13/28
5
Test circuit
Figure 24.
Test circuit schematic
Table 8.
Test circuit component part list
Component
Description
B1,B2
FERRITE BEAD
C1,C12
300 pF, 100 mil CHIP CAPACITOR
C2,C3,C4,C11,C12,C13
1 to 20 pF TRIMMER CAPACITOR
C6, C18
120 pF 100 mil CHIP CAPACITOR
C9, C15
10
µF, 50 V ELECTROLYTIC CAPACITOR
C8, C16
0.1 mF, 100 mil CHIP CAP
C7, C17
1.000 pF 100 mil CHIP CAP
C5, C10
33 pF, 100 mil CHIP CAP
L1
56 nH, 7 TURN, COILCRAFT
N1, N2
TYPE N FLANGE MOUNT
R1
15
Ω, 1 W CHIP RESISTOR
R2
1 K
Ω, 1 W CHIP RESISTOR
R3
33 K
Ω, 1 W CHIP RESISTOR
Z1
0.471” X 0.080” MICROSTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com