Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD54008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD54008-E Datasheet HTML 13Page - STMicroelectronics PD54008-E Datasheet HTML 14Page - STMicroelectronics PD54008-E Datasheet HTML 15Page - STMicroelectronics PD54008-E Datasheet HTML 16Page - STMicroelectronics PD54008-E Datasheet HTML 17Page - STMicroelectronics PD54008-E Datasheet HTML 18Page - STMicroelectronics PD54008-E Datasheet HTML 19Page - STMicroelectronics PD54008-E Datasheet HTML 20Page - STMicroelectronics PD54008-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PD54008-E, PD54008S-E
Common source s-parameter
17/28
7.2
PD54008S (VDS = 7.5V IDS = 800mA)
Table 10.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.825
-171
10.81
84
0.017
-2
0.844
-172
100
0.871
-174
5.27
79
0.017
-8
0.846
-175
150
0.890
-176
3.54
74
0.017
-11
0.849
-176
200
0.901
-177
2.61
70
0.016
-15
0.857
-176
250
0.905
-177
2.04
64
0.016
-18
0.862
-176
300
0.910
-178
1.66
60
0.015
-22
0.871
-177
350
0.916
-178
1.38
55
0.014
-24
0.879
-177
400
0.922
-178
1.17
51
0.013
-27
0.891
-177
450
0.927
-179
1.00
47
0.012
-30
0.899
-177
500
0.935
-179
0.86
43
0.011
-32
0.908
-177
550
0.938
-180
0.75
40
0.010
-32
0.914
-178
600
0.944
-180
0.66
37
0.009
-35
0.925
-178
650
0.949
180
0.59
34
0.008
-33
0.926
-179
700
0.951
179
0.53
31
0.007
-33
0.932
-179
750
0.953
179
0.47
29
0.007
-32
0.937
-180
800
0.958
178
0.43
26
0.006
-28
0.944
-180
850
0.960
178
0.39
24
0.006
-25
0.940
180
900
0.961
178
0.36
22
0.005
-26
0.951
179
950
0.964
177
0.33
20
0.004
-19
0.950
179
1000
0.966
177
0.30
18
0.004
-17
0.947
178
1050
0.968
176
0.28
16
0.004
-7
0.954
178
1100
0.967
176
0.26
15
0.003
7
0.958
178
1150
0.968
176
0.24
13
0.003
14
0.958
178
1200
0.970
176
0.23
12
0.003
37
0.957
178
1250
0.971
175
0.22
10
0.003
45
0.974
177
1300
0.970
175
0.20
8
0.003
48
0.979
176
1350
0.973
174
0.19
7
0.003
59
0.963
176
1400
0.972
174
0.17
5
0.004
75
0.966
175
1450
0.970
174
0.16
4
0.004
88
0.961
175
1500
0.970
174
0.15
3
0.005
102
0.967
174
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com