Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # PD54008-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PD54008-E Datasheet HTML 17Page - STMicroelectronics PD54008-E Datasheet HTML 18Page - STMicroelectronics PD54008-E Datasheet HTML 19Page - STMicroelectronics PD54008-E Datasheet HTML 20Page - STMicroelectronics PD54008-E Datasheet HTML 21Page - STMicroelectronics PD54008-E Datasheet HTML 22Page - STMicroelectronics PD54008-E Datasheet HTML 23Page - STMicroelectronics PD54008-E Datasheet HTML 24Page - STMicroelectronics PD54008-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PD54008-E, PD54008S-E
Common source s-parameter
21/28
7.6
PD54008 (VDS = 7.5V IDS = 1.5A)
Table 14.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.852
-174
8.94
84
0.014
-1
0.885
-175
100
0.896
-176
4.37
80
0.014
-5
0.887
-178
150
0.917
-178
2.96
77
0.014
-6
0.886
-179
200
0.923
-180
2.20
73
0.014
-8
0.891
-179
250
0.924
180
1.75
69
0.013
-8
0.891
-180
300
0.927
179
1.44
65
0.013
-10
0.897
180
350
0.930
178
1.21
60
0.012
-11
0.900
179
400
0.931
178
1.04
57
0.012
-13
0.901
179
450
0.933
177
0.91
53
0.011
-12
0.905
179
500
0.936
177
0.79
49
0.010
-11
0.913
178
550
0.938
176
0.70
45
0.010
-10
0.916
178
600
0.942
175
0.63
42
0.009
-10
0.920
177
650
0.945
175
0.57
39
0.008
-8
0.924
177
700
0.947
174
0.51
37
0.008
-4
0.927
177
750
0.947
174
0.47
34
0.008
-1
0.931
176
800
0.951
173
0.43
31
0.007
4
0.932
175
850
0.951
173
0.39
29
0.007
7
0.938
175
900
0.952
172
0.36
26
0.007
14
0.938
175
950
0.955
171
0.33
24
0.007
19
0.940
174
1000
0.957
171
0.31
22
0.006
24
0.941
174
1050
0.957
170
0.29
20
0.007
29
0.946
173
1100
0.957
169
0.27
18
0.007
30
0.947
172
1150
0.956
169
0.25
16
0.007
38
0.945
172
1200
0.958
168
0.24
14
0.007
45
0.947
172
1250
0.957
168
0.23
11
0.008
50
0.950
171
1300
0.958
167
0.21
9
0.008
50
0.952
170
1350
0.957
167
0.20
7
0.008
53
0.946
170
1400
0.957
166
0.18
5
0.008
60
0.949
169
1450
0.957
166
0.17
4
0.010
66
0.948
169
1500
0.952
165
0.16
3
0.009
76
0.948
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com