Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP830F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP830F
Description  Infrared LED Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP830F Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP830F Datasheet HTML 1Page - Toshiba Semiconductor TLP830F Datasheet HTML 2Page - Toshiba Semiconductor TLP830F Datasheet HTML 3Page - Toshiba Semiconductor TLP830F Datasheet HTML 4Page - Toshiba Semiconductor TLP830F Datasheet HTML 5Page - Toshiba Semiconductor TLP830F Datasheet HTML 6Page - Toshiba Semiconductor TLP830F Datasheet HTML 7Page - Toshiba Semiconductor TLP830F Datasheet HTML 8Page - Toshiba Semiconductor TLP830F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP830(F)
2007-10-01
6
IC – IF
(typ.)
Forward current IF (mA)
10
0.1
1
5
3
1
0.5
0.3
3
5
10
30
50
100
Ta=25°C
VCE = 2 V
VCE = 0.4 V
IC – VCE
(typ.)
Collector-emitter voltage VCE (V)
3.0
0
0
2.5
1.5
1.0
0.5
2
4
6
8
10
12
2.0
20
15
10
IF=5mA
Ta = 25 °C
Relative IC – Ta
(typ.)
Ambient temperature Ta (°C)
1.2
0.2
1.0
0.8
0.6
0.4
−40
−20
0
20
40
60
80
100
VCE = 2 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
ID(ICEO) – Ta
(typ.)
Ambient temperature Ta (°C)
5
0
1
10
−1
10
−2
10
−3
10
−4
20
40
60
80
100
120
VCE = 24 V
10
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com