Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP830F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP830F
Description  Infrared LED Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP830F Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP830F Datasheet HTML 1Page - Toshiba Semiconductor TLP830F Datasheet HTML 2Page - Toshiba Semiconductor TLP830F Datasheet HTML 3Page - Toshiba Semiconductor TLP830F Datasheet HTML 4Page - Toshiba Semiconductor TLP830F Datasheet HTML 5Page - Toshiba Semiconductor TLP830F Datasheet HTML 6Page - Toshiba Semiconductor TLP830F Datasheet HTML 7Page - Toshiba Semiconductor TLP830F Datasheet HTML 8Page - Toshiba Semiconductor TLP830F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP830(F)
2007-10-01
8
Positioning Of Shutter And Device
To operate correctly, make sure that the shutter and the device are positioned as shown in the figure below.
The shit pitch of the shutter must be set wider than the slit width of the device.
Determine the width taking the switching time into consideration.
A′
A
Shutter
Sensor center
A-A’ cross section
Unit in mm
Distance d (mm)
Detecting position
characteristics(1)
(typ.)
1.2
0
−0.2
1.0
0.8
0.6
0.4
0.2
−0.1
0
0.1
0.2
0.3
0.4
0
−
+
d
IF=10mA
VCE=2V
Ta=25°C
shutter
Detection
position
d = 0 ±0.11 mm
Detecting position
characteristics(2)
(typ.)
Distance d (mm)
1.2
0
1.0
0.8
0.6
0.4
0.2
3
4
5
6
7
8
9
d
IF=10mA
VCE=2V
Ta=25°C
shutter
Detection
position
d=5.5 −1.5 mm
+1.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com