Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP830F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP830F
Description  Infrared LED Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP830F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP830F Datasheet HTML 1Page - Toshiba Semiconductor TLP830F Datasheet HTML 2Page - Toshiba Semiconductor TLP830F Datasheet HTML 3Page - Toshiba Semiconductor TLP830F Datasheet HTML 4Page - Toshiba Semiconductor TLP830F Datasheet HTML 5Page - Toshiba Semiconductor TLP830F Datasheet HTML 6Page - Toshiba Semiconductor TLP830F Datasheet HTML 7Page - Toshiba Semiconductor TLP830F Datasheet HTML 8Page - Toshiba Semiconductor TLP830F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP830(F)
2007-10-01
2
Product Indication
Monthly production lot
Production month
(Jan.-Dec. are indicated
by alphabetes of A-L)
Production year
(last digit of a.d. is indicated)
Operating Ranges
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
―
25
mA
Operating temperature
Topr
−10
―
75
°C
Opto Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.00
1.15
1.30
V
Reverse current
IR
VR = 5 V
―
―
10
μA
Peak emission wavelength
λP
IF = 10 mA
―
940
―
nm
Dark current
ID
VCE = 24 V, IF = 0
―
―
0.1
μA
Peak sensitivity wavelength
λP
―
870
―
nm
Current transfer ratio
IC/IF
VCE = 2 V, IF = 10 mA
3
―
20
%
Collector
−emitter
saturation voltage
VCE (sat)
IF = 20 mA, IC = 0.3 mA
―
0.1
0.35
V
Rise time
tr
―
15
―
Fall time
tf
VCC = 5 V, IC = 1 mA
RL = 1 kΩ
―
15
―
Response time (1)
t1
―
―
80
Switching
times
Response time (2)
t2
VCC = 4.4 V, IC = 13 mA
RL = 47 kΩ
(Note)
―
―
800
μs
Note: t1, t2 test condition
VOUT
IF
2.5V
0.8V
t1
t2
RL=47kΩ
IF=13mA
VOUT
VCC=4.4V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com