Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC697AF Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74HC697AF
Description  Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC697AF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74HC697AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 11Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 12Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TC74HC697AP/AF
2007-10-01
9
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
(Qn)
tTLH
tTHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
25
7
6
60
12
10
⎯
⎯
⎯
75
15
13
ns
Output transition time
(
RCO )
tpLH
tpHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
30
8
7
75
15
13
⎯
⎯
⎯
95
19
16
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
90
26
19
195
39
33
⎯
⎯
⎯
245
49
42
Propagation delay
time
(CCK-Q)
tpLH
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
103
31
23
235
47
40
⎯
⎯
⎯
295
59
50
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
82
24
18
180
36
31
⎯
⎯
⎯
225
45
38
Propagation delay
time
(RCK-Q)
tpLH
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
95
29
22
220
44
37
⎯
⎯
⎯
275
55
47
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
60
19
14
145
29
25
⎯
⎯
⎯
180
36
31
Propagation delay
time
(
C
R/ -Q)
tpLH
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
73
24
18
185
37
31
⎯
⎯
⎯
230
46
39
ns
50
2.0
4.5
6.0
⎯
⎯
⎯
89
26
20
195
39
33
⎯
⎯
⎯
245
49
42
Propagation delay
time
( CCLR -Q)
tpHL
⎯
150
2.0
4.5
6.0
⎯
⎯
⎯
102
31
24
235
47
40
⎯
⎯
⎯
295
59
50
ns
Propagation delay
time
(CCK- RCO )
tpLH
tpHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
108
31
23
235
47
40
⎯
⎯
⎯
295
59
50
ns
Propagation delay
time
( ENT -
RCO )
tpLH
tpHL
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
63
18
14
135
27
23
⎯
⎯
⎯
170
34
29
ns
Propagation delay
time
( CCLR - RCO )
tpLH
⎯
50
2.0
4.5
6.0
⎯
⎯
⎯
98
29
23
220
44
37
⎯
⎯
⎯
275
55
47
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com