Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC697AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC697AF
Description  Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC697AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC697AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74HC697AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC697AP,TC74HC697AF
Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register (multiplexed
3-state outputs)
The TC74HC697A is high speed CMOS UP/DOWN
COUNTERS fabricated with silicon gate C2MOS technology.
It achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It counts on the rising edge of the Counter Clock (CCK) input
when “counter mode” is selected. If the up/down (
D
U/ ) input is
held high, the internal counter counts up. Conversely, if
D
U/
is
held low, it counts down.
The internal counters outputs are latched into the output
registers on the rising edge of the Register Clock (RCK) input.
The outputs (QA~QD) are selected as either internal counter or
registered outputs by the output select ( C
R/ ) input. When high,
the outputs are counter outputs and when low, they are
registered outputs.
Two enable (
ENP , ENT ) inputs and a carry ( RCO ) output
are provided to enable cascading of the counters.
This facilitates easy implementation of n-bit counters without
using external gates.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 38 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Outputs drive capability: 15 LSTTL loads for QA~QD
10 LSTTL loads for RCO
• Symmetrical output impedance:
|IOH| = IOL = 6 mA (min) for QA~QD
|IOH| = IOL = 4 mA (min) for RCO
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS697
TC74HC697AP
TC74HC697AF
Weight
DlP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HC697AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC697AF TOSHIBA-TC74HC697AF Datasheet
387Kb / 11P
CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - TC74HC697AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
Presettable synchronous 4-bit binary up/down counter
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com