Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC697AF Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC74HC697AF
Description  Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC697AF Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74HC697AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 11Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 12Page - Toshiba Semiconductor TC74HC697AF Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TC74HC697AP/AF
2007-10-01
10
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
50
2.0
4.5
6.0
⎯
⎯
⎯
45
15
12
115
23
20
⎯
⎯
⎯
145
29
25
Output enable time
(
G -Q)
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
⎯
⎯
⎯
58
20
16
155
31
26
⎯
⎯
⎯
195
39
33
ns
Output disable time
( G-Q)
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
⎯
⎯
⎯
32
17
14
115
23
20
⎯
⎯
⎯
145
29
25
ns
Maximum clock
frequency
fmax
⎯
50
2.0
4.5
6.0
5
25
29
11
38
52
⎯
⎯
⎯
4
20
24
⎯
⎯
⎯
MHz
Input capacitance
CIN
⎯
⎯
5
10
⎯
10
pF
Output capacitance
COUT
⎯
⎯
13
⎯
⎯
⎯
pF
Power dissipation
capacitance
CPD
(Note)
⎯
⎯
72
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com