Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP705 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP705
Description  Plasma Display Panel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP705 Datasheet HTML 1Page - Toshiba Semiconductor TLP705 Datasheet HTML 2Page - Toshiba Semiconductor TLP705 Datasheet HTML 3Page - Toshiba Semiconductor TLP705 Datasheet HTML 4Page - Toshiba Semiconductor TLP705 Datasheet HTML 5Page - Toshiba Semiconductor TLP705 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP705
2007-10-01
1
Unit in mm
Weight:0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11-5J1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP705
Plasma Display Panel.
Industrial Inverter
IGBT/Power MOS FET Gate Drive
TLP705 consists of a GaAℓAs light emitting diode and a integrated
photodetector.
This unit is 6-lead SDIP package. TLP705 is 50% smaller than 8pin DIP
and has suited the safety standard reinforced insulation class.
So mounting area in safety standard required equipment can be reduced.
TLP705 is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP705 is capable of “direct” gate drive of lower Power IGBTs.
• Peak output current
: ±0.45 A (max)
• Operating frequency
: 250kHz (max)
• Guaranteed performance over temperature : −40 to 100°C
• Supply current
: 3mA (max)
• Power supply voltage
: 10 to 20 V
• Threshold input current
: IFLH = 8 mA (max)
• Switching time (tpLH / tpHL)
: 200 ns (max)
• Common mode transient immunity
:±10 kV/μs(min)
• Isolation voltage
: 5000 Vrms(min)
• UL Recognized
:UL1577, File No.E67349
• Construction Mechanical Rating
7.62-mm pitch
standard type
10.16-mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
• Option (D4)
TÜV approved
: EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage
: 890 Vpk
Highest permissible over voltage
: 8000 Vpk
( Note ) When a EN60747-5-2 approved type is needed,
please designate the “Option(D4)”
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
A 0.1
μF bypass capacitor must be connected
between pins 6 and 4. (See Note 6.)
1
+
3
−
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
6
5
4
SHIELD
Schematic
1: ANODE
2: NC
3: CATHODE
4: GND
5: VO ( OUTPUT )
6: VCC
1
3
5
6
2
SHIELD
Pin Configuration (Top View)


Similar Part No. - TLP705

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
Isolation voltage - 5000 Vrms (min)
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
More results

Similar Description - TLP705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
logo
Vishay Siliconix
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
21-Dec-00
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
logo
Vishay Siliconix
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
Plasma Panel Display Modules
05-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
17-Oct-07
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com