Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP665JS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP665JS
Description  Household Use Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665JS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP665JS Datasheet HTML 1Page - Toshiba Semiconductor TLP665JS Datasheet HTML 2Page - Toshiba Semiconductor TLP665JS Datasheet HTML 3Page - Toshiba Semiconductor TLP665JS Datasheet HTML 4Page - Toshiba Semiconductor TLP665JS Datasheet HTML 5Page - Toshiba Semiconductor TLP665JS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP665J(S)
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J(S)
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
TOSHIBA TLP665J(S) consists of a photo-triac optically coupled to a
gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
• Peak off-State voltage: 600V (Min.)
• Trigger LED current: 10mA (Max.)
• On-state current: 100mA (Max.)
• Isolation voltage: 5000Vrms (Min.)
• UL recognized: UL1577, file No. E67349
• SEMCO approved:EN60065,EN60950-1,EN60335-1
Certificate no.708960
• BSI approved: BS EN60065:2002, file No.8385
BS EN60950-1:2002, file No.8386
• Option(D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009302
Maximum operating insulation voltage : 890VPk
Highest permissible over voltage
: 8000 VPk
(Note) When an EN60747-5-2 approved type is needed, please designate the “Option(D4)”.
•Construction mechanical rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage distance
Clearance
Insulation thickness
7.0 mm (Min.)
7.0 mm (Min.)
0.5 mm (Min.)
8.0 mm (Min.)
8.0 mm (Min.)
0.5 mm (Min.)
Pin configuration (top view)
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
1
2
3
4
6
JEDEC
TOSHIBA
11-7A9
Weight: 0.39 g (Typ.)
Unit: mm


Similar Part No. - TLP665JS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP665JS TOSHIBA-TLP665JS Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results

Similar Description - TLP665JS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051F TOSHIBA-TLP3051F Datasheet
28Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
office machine household use equipment
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
Household Use Equipment
TLP668JF TOSHIBA-TLP668JF Datasheet
142Kb / 2P
Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
Household Use Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com