Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP665JS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP665JS
Description  Household Use Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665JS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP665JS Datasheet HTML 1Page - Toshiba Semiconductor TLP665JS Datasheet HTML 2Page - Toshiba Semiconductor TLP665JS Datasheet HTML 3Page - Toshiba Semiconductor TLP665JS Datasheet HTML 4Page - Toshiba Semiconductor TLP665JS Datasheet HTML 5Page - Toshiba Semiconductor TLP665JS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP665J(S)
2007-10-01
2
Absolute Maximum Ratings (Ta=25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta≥53°C)
∆IF /°C
−0.7
mA /°C
Peak forward current (100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Off-State output terminal voltage
VDRM
600
V
Ta=25°C
100
On-state RMS current
Ta=70°C
IT(RMS)
50
mA
On-state current derating (Ta≥25°C)
∆IT/°C
-1.1
mA /°C
Peak on-state current (100μs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current (Pw=10ms,DC=10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Operating temperature range
Topr
−40~100
°C
Storage temperature range
Tstg
−55~125
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC,1min. , R.H.≤60%)
(Note 2)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 2) Pins1,2 and 3 shorted together and pin4 and pin6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
240
Vac
Forward current
IF
15
20
25
mA
Peak on-state current
ITP
1
A
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com