Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP665JS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP665JS
Description  Household Use Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665JS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP665JS Datasheet HTML 1Page - Toshiba Semiconductor TLP665JS Datasheet HTML 2Page - Toshiba Semiconductor TLP665JS Datasheet HTML 3Page - Toshiba Semiconductor TLP665JS Datasheet HTML 4Page - Toshiba Semiconductor TLP665JS Datasheet HTML 5Page - Toshiba Semiconductor TLP665JS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP665J(S)
2007-10-01
3
Electrical Characteristics (Ta=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f=1MHz
30
pF
Peak off-state current
IDRM
VDRM =600V
10
1000
nA
Peak on-state voltage
VTM
ITM =100mA
1.7
3.0
V
Holding current
IH
1.0
mA
Critical rate of rise of
off-state voltage
dv/dt
Vin=240Vrms , Ta=85°C
(Note3)
500
V/μs
Critical rate of rise of
commutating voltage
dv/dt(c)
Vin=60Vrms , IT =15mA
(Note3)
0.2
V/μs
Coupled Electrical Characteristics (Ta=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT =6V
5
10
mA
Capacitance (input to output)
CS
VS =0 , f=1MHz
0.8
pF
Isolation resistance
RS
VS =500V
1×10
12
10
14
Ω
AC , 1minute
5000
AC , 1second,in oil
10000
Vrms
Isolation voltage
BVS
DC , 1minute,in oil
10000
Vdc
(Note 3) dv/dt test circuit
1
2
3
4
6
Vcc
+
Rin
120
Ω
RL
Vin
4k
Ω
dv/dt(c)
dv/dt
0V
+5V , VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com