Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP558 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP558
Description  Microprocessor System Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP558 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP558 Datasheet HTML 1Page - Toshiba Semiconductor TLP558 Datasheet HTML 2Page - Toshiba Semiconductor TLP558 Datasheet HTML 3Page - Toshiba Semiconductor TLP558 Datasheet HTML 4Page - Toshiba Semiconductor TLP558 Datasheet HTML 5Page - Toshiba Semiconductor TLP558 Datasheet HTML 6Page - Toshiba Semiconductor TLP558 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP558
2007-10-01
4
Electrical Characteristics(unless otherwise specified, Ta = −25~85°C, VCC = 4.5~20V)
Characteristic
Symbol
Test Condition
Min.
Typ.*
Max.
Unit
Input current hysteresis
IHYS
VCC=VE=5V
―
0.05
―
mA
Resistance (input
−output)
RS
VS=500V, R.H. ≤60%
Ta=25°C
(Note 5)
5×10
10
10
14
―
Ω
Capacitance(input
−output)
CS
VS=0, f=1MHz, Ta=25°C
(Note 5)
―
1.0
―
pF
*All typical values are at Ta=25°C, VCC=5V, IF(ON)=3mA unless otherwise specified.
Switching Characteristics(unless otherwise specified, VCC = 4.5~20V, Ta = 25°C)
Characteristic
Symbol
Test
Cir
−
cuit
Test Condition
Min.
Typ.*
Max.
Unit
Propagation delay time to
logic high output
(Note 7)
tpLH
IF=3→ 0mA
―
250
400
ns
Propagation delay time to
logic low output
(Note 7)
tpHL
IF=0→ 3mA
―
270
400
ns
Output rise time (10
−90%)
tr
IF=3→ 0mA, VCC=5V
―
35
75
ns
Output fall time (90
−10%)
tf
1
IF=0→ 3mA, VCC=5V
―
20
75
ns
Output enable time to logic
high
tpZH
VE=0→ 3V
―
―
―
ns
Output enable time to logic
low
tpZL
VE=0→ 3V
―
―
―
ns
Output disable time from
logic high
tpHZ
VE=3→ 0V
―
―
―
ns
Output disable time from
logic low
tpLZ
2
VE=3→ 0V
―
―
―
ns
Common mode transient
immunity at logic high
output
(Note 8)
CMH
IF=0mA, VCM=50V
VO(Min.)=2V
1000
―
―
V / μs
Common mode transient
immunity at logic low
output
(Note 8)
CML
3
IF=1.6mA, VCM=50V
VO(Max.)=0.8V
−1000
―
―
V / μs
* All typical values are at Ta=25°C, VCC=5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com