Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP558 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP558
Description  Microprocessor System Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP558 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP558 Datasheet HTML 1Page - Toshiba Semiconductor TLP558 Datasheet HTML 2Page - Toshiba Semiconductor TLP558 Datasheet HTML 3Page - Toshiba Semiconductor TLP558 Datasheet HTML 4Page - Toshiba Semiconductor TLP558 Datasheet HTML 5Page - Toshiba Semiconductor TLP558 Datasheet HTML 6Page - Toshiba Semiconductor TLP558 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP558
2007-10-01
2
Absolute Maximum Ratings
(no derating required up to 85°C unless otherwise noted)
Charactersitic
Symbol
Rating
Unit
Forward current
IF
10
mA
Peak transient forward current
(Note 1)
IFPT
1
A
Reverse voltage
VR
5
V
Output current
IO
40 /
−25
mA
Peak output current
(Note 2)
IOP
80 /
−50
mA
Output voltage
VO
−0.5~20
V
Supply voltage
VCC
−0.5~20
V
Three state enabel voltage
VE
−0.5~20
V
Output power dissipation
(Note 3)
PO
100
mW
Total package power dissipation
(Note 4)
PT
200
mW
Operating temperature range
Topr
−40~85
°C
Storage temperature range
Tstg
−55~125
°C
Lead solder temperature(10s)**
Tsol
260
°C
Isolation voltage(AC, 1min., R.H.≤ 60%, Ta=25°C)
(Note 5)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Pulse width ≤ 1μs, 300pps.
(Note 2) Pulse width ≤ 5μs, duty ratio ≤ 0.025.
(Note 3) Derate 1.8mW / °C above 70°C ambient temperature.
(Note 4) Derate 3.6mW / °C above 70°C ambient temperature.
(Note 5) Device considered a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8 shorted
together.
**1.6mm below seating plane.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Input current, on
IF(ON)
2*
―
5
mA
Input voltage, off
VF(OFF)
0
―
0.8
V
Supply voltage
VCC
4.5
―
20
V
Enable voltage high
VEH
2.0
―
20
V
Enable voltage low
VEL
0
―
0.8
V
Fan out(TTL load)
N
―
―
4
―
Operating temperature
Topr
−25
―
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
*
2mA condition permits at least 20% CTR degradation guardband.
Initial switching threshold is 1.6mA or less.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com