Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP558 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP558
Description  Microprocessor System Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP558 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP558 Datasheet HTML 1Page - Toshiba Semiconductor TLP558 Datasheet HTML 2Page - Toshiba Semiconductor TLP558 Datasheet HTML 3Page - Toshiba Semiconductor TLP558 Datasheet HTML 4Page - Toshiba Semiconductor TLP558 Datasheet HTML 5Page - Toshiba Semiconductor TLP558 Datasheet HTML 6Page - Toshiba Semiconductor TLP558 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP558
2007-10-01
3
Electrical Characteristics(unless otherwise specified, Ta = −25~85°C, VCC = 4.5~20V)
Characteristic
Symbol
Test Condition
Min.
Typ.*
Max.
Unit
Input forward voltage
VF
IF=5mA, Ta=25°C
―
1.55
1.7
V
Temperature coefficient of
forward voltage
ΔVF / ΔTa
IF=5mA
―
−2.0
―
mV / °C
Input reverse current
IR
VR=5V, Ta=25°C
―
―
10
μA
Input capacitance
CT
VF=0, f=1MHz, Ta=25°C
―
45
―
pF
VO=VE=5.5V
―
―
100
Output leakage current
(VO > VCC)
IOHH
VF=0,
VCC=4.5V
VO=VE=20V
―
0.01
500
μA
Logic low output voltage
VOL
IOL=6.4mA, IF=1.6mA
VE=2V
―
0.4
0.5
V
Logic high output voltage
VOH
IOH=−2.6mA, VF=0.8V
VE=2V
2.4
3.3
―
V
Logic low enable current
IEL
VE=0.4V
―
−0.13
−0.32
mA
VE=2.7V
―
―
20
VE=5.5V
―
―
100
Logic high enable current
IEH
VE=20V
―
0.01
250
μA
Logic low enable voltage
VEL
―
―
―
0.8
V
Logic high enable voltage
VEH
―
2.0
―
―
V
VCC=VE=5.5V
―
4.0
6.0
Logic low supply current
ICCL
IF=5mA
VCC=VE=20V
―
4.6
7.5
mA
VCC=VE=5.5V
―
4.2
6.0
Logic high supply current
ICCH
VF=0V
VCC=VE=20V
―
4.7
7.5
mA
IOZL
VF=0V
VE=0.8V
VO=0.4V
―
―
−20
VO=2.4V
―
―
20
VO=5.5V
―
―
100
High impedance state
output current
IOZH
IF=5mA
VE=0.8V
VO=20V
―
1
500
μA
VO=VCC=5.5V
25
55
―
Logic low short circuit
output current
(Note 6)
IOSL
IF=5mA
VE=2V
VO=VCC=20V
40
80
―
mA
VCC=5.5V
−10
−25
―
Logic high short circuit
output current
(Note 6)
IOSH
VF=0V, VO=GND
VE=2V
VCC=20V
−25
−60
―
mA
Input current logic low
output
IFL
VE=2V, IO=6.4mA
VO < 0.4V
―
0.4
1.6
mA
Input voltage logic high
output
VFH
VE=2V, IO=−2.6mA
VO > 2.4V
0.8
―
―
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com