Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP554 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP554
Description  SIMPLEX/MULTIPLEX DATA TRANSMISSION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP554 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP554 Datasheet HTML 1Page - Toshiba Semiconductor TLP554 Datasheet HTML 2Page - Toshiba Semiconductor TLP554 Datasheet HTML 3Page - Toshiba Semiconductor TLP554 Datasheet HTML 4Page - Toshiba Semiconductor TLP554 Datasheet HTML 5Page - Toshiba Semiconductor TLP554 Datasheet HTML 6Page - Toshiba Semiconductor TLP554 Datasheet HTML 7Page - Toshiba Semiconductor TLP554 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP554
2007-10-01
4
Switching Characteristics (Ta = 25°C , VCC=5V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
L
→H
tpLH
IF=7.5
→0mA
⎯
60
120
Propagation Delay Time
H
→L
tpHL
RL=350
Ω
CL=15pF
IF=0
→7.5mA
⎯
60
120
ns
Output Rise Time(10-90%)
tr
⎯
30
⎯
Output Fall Time(10-90%)
tf
1
IF=7.5
→0 / 0→7.5mA
RL=350Ω, CL=15pF
⎯
30
⎯
ns
tELH
VE=0.5
→3.0V
⎯
25
⎯
Enable Propagation Delay Time
tEHL
2
RL=350
Ω
CL=15pF
IF=7.5 mA
VE=3.0
→0.5V
⎯
25
⎯
ns
Common Mode Transient
Immunity at Hight Level
Outout
CMH
IF=0mA
VO(Min)=2.0V
1000
10000
⎯
Common Mode Transient
Immunity at Low Level
Outout
CML
3
VCM=400V
RL=350
Ω
(Note 7)
IF=7.5mA
VO(Max)=0.8V
-1000
-10000
⎯
V/
μs
(Note 7) CMH
ּ
The maximum tolerable rate of rise of the common mode voltage to ensure
the output will remain in the high state(i.e.,VOUT>2.0V)
CML
ּ
The maximum tolerable rate of fall of the common mode voltage to ensure
the output will remain in the low output state(i.e.,VOUT<0.8V)
Measured in volts per microsecond(V/
μs).
(Note 8) Maximum electrostatic discharge voltage for any pins:180V(C=200pF,R=0)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com