Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP554 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP554
Description  SIMPLEX/MULTIPLEX DATA TRANSMISSION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP554 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP554 Datasheet HTML 1Page - Toshiba Semiconductor TLP554 Datasheet HTML 2Page - Toshiba Semiconductor TLP554 Datasheet HTML 3Page - Toshiba Semiconductor TLP554 Datasheet HTML 4Page - Toshiba Semiconductor TLP554 Datasheet HTML 5Page - Toshiba Semiconductor TLP554 Datasheet HTML 6Page - Toshiba Semiconductor TLP554 Datasheet HTML 7Page - Toshiba Semiconductor TLP554 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP554
2007-10-01
2
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Low Level input Voltage
VFL
-3
0
1.0
V
High Level input current
IFH
6.3*
20
mA
Supply Voltage
VCC
4.5
5
5.5
V
High-Level Enable Voltage
VEH
2.0
VCC
V
Low-Level Enable Voltage
VEL
0
0.8
V
Fan Out(TTL Load)
N
8
Operating Temperature
Topr
0
70
°C
Note:
Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
*6.3mA condition permits at least 20% CTR degradation
Initial switching threshold is 5.0mA or less.
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
20
mA
Reverse Voltage
VR
5
V
Output Current
IO
25
mA
Output Voltage
VO
-0.5~7
V
Supply Voltage
(Note 2)
VCC
7
V
Enable Voltage
(Note 3)
VE
5.5
V
Output Power Dissipation
PO
40
mW
Storage Temperature Range
Tstg
−55~125
°C
Operating Temperature Range
Topr
−40~85
°C
Lead Soldering Temperature (10 s)
(Note 4)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H.≤ 60%)
(Note 5)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) The VCC supply voltage to each TLP554 isolator must be bypassed by a 0.1μF capacitor or larger.This can
be either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be
connected as close as possible to the package VCC and GND pins each device.
(Note 2) 1 Minute Maximum.
(Note 3) Not to exceed VCC by more than 500mV.
(Note 4) 2mm below seating plane.
(Note 5) Device considered a two-terminal device :Pins 1,2,3 and 4 shorted together,and Pins 5, 6,7 and 8 shorted
together.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com