Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP554 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP554
Description  SIMPLEX/MULTIPLEX DATA TRANSMISSION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP554 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP554 Datasheet HTML 1Page - Toshiba Semiconductor TLP554 Datasheet HTML 2Page - Toshiba Semiconductor TLP554 Datasheet HTML 3Page - Toshiba Semiconductor TLP554 Datasheet HTML 4Page - Toshiba Semiconductor TLP554 Datasheet HTML 5Page - Toshiba Semiconductor TLP554 Datasheet HTML 6Page - Toshiba Semiconductor TLP554 Datasheet HTML 7Page - Toshiba Semiconductor TLP554 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP554
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP554
ISOLATED LINE RECEIVER
SIMPLEX/MULTIPLEX DATA TRANSMISSION
COMPUTER-PERIPHERAL INTERFACE
MICROPROCESSOR SYSTEM INTERFACES
DIGITAL ISOLATION FOR A/D,D/A CONVERSION
The TOSHIBA TLP554 a photocoupler which combines a GaAlAsIRED as
the emitter and an integrated high gain, high speed photodetector.
The output of the detector circuit is an open collector, Schottky Clamped
transistor.
A Faraday shield integrated on the photodetector chip reduces the effects of
capacitive coupling between the input LED emitter and the high gain stages
of the detector. This provides an effective common mode transient immunity
of 1000V/us.
Input Current Threshold
: IF=5mA(Max.)
Switching Speed
: 10MBd(TYP,@NRZ)
Common mode transient immunity
: ±1000V/us(Min)
Guaranteed Performance Over Temperature : 0~70°C
Isolation Voltage
: 2500Vrms(Min)
UL Recognized
:UL1577,File No.E67349
Truth Table (Positive Logic)
INPUT
ENABLE
OUTPUT
H
H
L
L
H
H
H
L
H
L
L
H
SCHEMATIC
VCC
GND
ICC
IO
IF
2+
5
6
VO
VF
3-
SHIELD
7
VE
8
IE
A 0.1
μF bypass capacitor must be connected
Between pins 8 and 5.(See Note 1)
PIN CONFIGURATION (TOP VIEW)
1:NC
2:ANODE
3:CATHODE
4:N.C.
5:GND
6:VO(OUTPUT)
7:VE(ENABLE)
8:VCC
1
2
3
45
6
7
8
VCC
GND
SHIELD
Unit: mm
JEDEC
TOSHIBA
11-10C4
Weight: 0.54 g


Similar Part No. - TLP554

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
More results

Similar Description - TLP554

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
DAL4 MSYSTEM-DAL4 Datasheet
153Kb / 6P
Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
Multiplex Transmission System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com