Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP550 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP550
Description  Line Receiver Feedback Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP550 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP550 Datasheet HTML 1Page - Toshiba Semiconductor TLP550 Datasheet HTML 2Page - Toshiba Semiconductor TLP550 Datasheet HTML 3Page - Toshiba Semiconductor TLP550 Datasheet HTML 4Page - Toshiba Semiconductor TLP550 Datasheet HTML 5Page - Toshiba Semiconductor TLP550 Datasheet HTML 6Page - Toshiba Semiconductor TLP550 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP550
2007-10-01
4
(Note 7) Switching time test circuit.
(Note 8) Common mode transient immunity test circuit.
(Note 9) Maximum electrostatic discharge voltage for any pins: 100V (C = 200pF, R = 0)
VCC=5V
VO
Pulse
input
Output
monitor
RL
6
4
3
1
5
7
PW = 100μs
Duty ratio = 1 / 10
IF monitor
IF
8
2
IF
VO
0
5V
1.5V
VOL
1.5V
tpHL
tpLH
VCM
200V
VO
(IF = 0mA)
VO
(IF = 16mA)
0V
5V
2V
0.8V
VOL
10%
90%
tf
tr
VCC=5V
VO
Output
monitor
RL
6
4
3
1
5
7
IF
8
2
VCM
Pulse gen
ZO=50Ω
CMH=
CML=
160 (V)
160 (V)
,
tf (μs)
tf (μs)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com