Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP550 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP550
Description  Line Receiver Feedback Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP550 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP550 Datasheet HTML 1Page - Toshiba Semiconductor TLP550 Datasheet HTML 2Page - Toshiba Semiconductor TLP550 Datasheet HTML 3Page - Toshiba Semiconductor TLP550 Datasheet HTML 4Page - Toshiba Semiconductor TLP550 Datasheet HTML 5Page - Toshiba Semiconductor TLP550 Datasheet HTML 6Page - Toshiba Semiconductor TLP550 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP550
2007-10-01
1
TOSHIBA Photocoupler Infrared LED + Photo IC
TLP550
Digital Logic Isolation
Line Receiver Feedback Control
Power Supply Control
Switching Power Supply
Transistor Inverter
TLP550 constructs a high emitting diode and a one chip photo diode−
transistor.
TLP550 has no base connection, and is suitable for application at noisy
environmental condition.
This unit is 8−lead DIP package.
Isolation voltage: 2500 Vrms (min.)
Switching speed: tpHL, tpLH = 0.5μs (typ.)(RL=1.9 kΩ)
TTL compatible
UL recognized: UL1577, file No. E67349
Pin Configuration (top view)
1 : N.C.
2 : Anode
3 : Cathode
4 : N.C.
5 : Emitter
6 : Collector
7 : N.C.
8 : Cathode
1
2
6
8
3
5
4
7
Schematic
GND
2
3
6
VCC
VO
IO
5
8
ICC
IF
VF
TOSHIBA
11−10C4
Weight: 0.54 g (typ.)
Unit in mm


Similar Part No. - TLP550

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP550 TOSHIBA-TLP550 Datasheet
179Kb / 7P
TOSHIBA Photocoupler Infrared LED Photo IC
More results

Similar Description - TLP550

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Toshiba Semiconductor
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
logo
Shenzhen Xinmao Microel...
LP3669CS LANDP-LP3669CS Datasheet
679Kb / 7P
BIcIrcular feedback control chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com