Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP550 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP550
Description  Line Receiver Feedback Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP550 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP550 Datasheet HTML 1Page - Toshiba Semiconductor TLP550 Datasheet HTML 2Page - Toshiba Semiconductor TLP550 Datasheet HTML 3Page - Toshiba Semiconductor TLP550 Datasheet HTML 4Page - Toshiba Semiconductor TLP550 Datasheet HTML 5Page - Toshiba Semiconductor TLP550 Datasheet HTML 6Page - Toshiba Semiconductor TLP550 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP550
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16 mA
1.45
1.65
1.85
V
Forward voltage
temperature coefficient
ΔVF /ΔTa
IF = 16 mA
―
−2
―
mV / °C
Reverse current
IR
VR = 5 V
―
―
10
μA
Capacitance between
terminal
CT
VF = 0, f = 1MHz
―
60
―
pF
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
―
3
500
nA
IOH (2)
IF = 0 mA, VCC = VO = 15 V
―
―
5
μA
High level output
current
IOH
IF = 0 mA, VCC = VO = 15 V
Ta = 70°C
―
―
50
μA
High level supply
voltage
ICCH
IF = 0 mA, VCC = 15 V
―
0.01
1
μA
Ta = 25°C
10
30
―
Rank : 0
19
30
―
Rank : Y
35
50
Ta = 0~70°C
5
―
―
Current transfer ratio
IO / IF
IF = 16 mA
VCC = 4.5 V
VO = 0.4 V
Rank : 0, Y
15
―
―
%
Low level output
voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 1.1 mA
(rank 0: IO = 2.4mA)
―
―
0.4
V
Isolation resistance
RS
R.H. = 40~60%, V = 1kV DC
(Note 6)
―
10
12
―
Ω
Capacitance between
input to output
CS
V = 0, f = 1MHz
―
0.8
―
pF
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IF = 0→ 16 mA, VCC = 5V, RL = 4.1 kΩ
―
0.3
0.8
Propagation delay time
(H→ L)
tpHL
(Note 7) Rank 0: RL = 1.9 kΩ
―
0.5
0.8
μs
IF = 16→ 0 mA, VCC = 5V, RL = 4.1 kΩ
―
1.0
2.0
Propagation delay time
(L→ H)
tpLH
(Note 7) Rank 0: RL = 1.9 kΩ
―
0.6
1.2
μs
Common mode transient
immunity at high output
level
CMH
IF = 0 mA, VCM = 200 Vp−p
RL = 4.1 kΩ (rank 0: RL = 1.9 kΩ)
(Note 8)
―
1500
―
V /μs
Common mode transient
immunity at low output
level
CML
IF = 16 mA, VCM = 200 Vp−p
RL = 4.1 kΩ (rank 0: RL = 1.9 kΩ)
(Note 8)
―
−1500
―
V /μs
(Note 6) Device considered two
−terminal device: Pins 1, 2, 3 and 4 shorted together and pin 5, 6, 7 and 8 shorted together.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com