Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7151 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7151 Datasheet HTML 13Page - Analog Devices AD7151 Datasheet HTML 14Page - Analog Devices AD7151 Datasheet HTML 15Page - Analog Devices AD7151 Datasheet HTML 16Page - Analog Devices AD7151 Datasheet HTML 17Page - Analog Devices AD7151 Datasheet HTML 18Page - Analog Devices AD7151 Datasheet HTML 19Page - Analog Devices AD7151 Datasheet HTML 20Page - Analog Devices AD7151 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7151
Rev. 0 | Page 17 of 28
TIMEOUT REGISTER
When either the approaching or receding timeout elapses (that
is, after the defined number of CDC conversions is counted),
the data average (and thus the thresholds) is forced to follow the
new CDC data value immediately.
Address Pointer 0x0A
8 Bits, Read/Write, Factory Preset 0x86
Table 9. Timeout Register Bit Map
Bit
Bits [7:4]
When the timeout register equals 0, timeouts are disabled.
Bits [3:0]
Mnemonic
TimeOutApr
TimeOutRec
Default
0x08
0x06
DATA AVERAGE
+ SENSITIVITY
LARGE CHANGE IN DATA
TOWARDS THRESHOLD
DATA AVERAGE
THRESHOLD
TIME
TIMEOUT APPROACHING
The register sets timeouts for the adaptive threshold mode.
The approaching timeout starts when the CDC data crosses the
data average ± sensitivity band toward the threshold, according
to the selected positive, negative, or window threshold mode. The
approaching timeout elapses after the number of conversion cycles
equals 2TimeOutApr, where TimeOutApr is the value of the four most
significant bits of the timeout register.
Figure 37. Threshold Timeout Approaching
After a Large Change in CDC Data Toward Threshold
The receding timeout starts when the CDC data crosses the
data average ± sensitivity band away from the threshold,
according to the selected positive or negative threshold mode.
The receding timeout is not used in the window threshold
mode. The receding timeout elapses after the number of
conversion cycles equals 2TimeOutRec, where TimeOutRec is the
value of the four least significant bits of the timeout register.
DATA AVERAGE
+ SENSITIVITY
LARGE CHANGE IN DATA
AWAY FROM THE THRESHOLD
DATA AVERAGE
THRESHOLD
TIME
TIMEOUT RECEDING
Figure 38. Threshold Timeout Receding
After a Large Change in CDC Data Away from Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com