Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7151 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7151 Datasheet HTML 15Page - Analog Devices AD7151 Datasheet HTML 16Page - Analog Devices AD7151 Datasheet HTML 17Page - Analog Devices AD7151 Datasheet HTML 18Page - Analog Devices AD7151 Datasheet HTML 19Page - Analog Devices AD7151 Datasheet HTML 20Page - Analog Devices AD7151 Datasheet HTML 21Page - Analog Devices AD7151 Datasheet HTML 22Page - Analog Devices AD7151 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7151
Rev. 0 | Page 19 of 28
CONFIGURATION REGISTER
Address Pointer 0x0F
8 Bits, Read/Write, Factory Preset 0x19
Table 12. Configuration Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
ThrFixed
ThrMD1
ThrMD0
EnConv
–
MD2
MD1
MD0
Default
0
0
0
1
0
0
0
1
Table 13.Configuration Register Bit Descriptions
Bit
Mnemonic
Description
7
ThrFixed
ThrFixed = 1 sets the fixed threshold mode. The output reflects comparison of data and a fixed (constant) value
of the threshold register.
ThrFixed = 0 sets the adaptive threshold mode. The output reflects comparison of data to the adaptive
threshold. The adaptive threshold is set dynamically, based on the history of the previous data.
These bits set the output comparator mode.
Output Active When
ThrMD1
ThrMD0
Threshold Mode
Adaptive Threshold Mode
Fixed Threshold Mode
0
0
Negative
data < average – sensitivity
Data < Threshold
0
1
Positive
data > average + sensitivity
Data > Threshold
1
0
In-Window
data > average – sensitivity
AND
data < average + sensitivity
-
6
5
ThrMD1
ThrMD0
1
1
Out-Window
data < average – sensitivity
OR
data > average + sensitivity
-
4
EnConv
Enables conversion. This bit must be 1 for proper operation.
3
–
This bit must be 0 for proper operation.
Converter mode of operation setup.
MD2
MD1
MD0
Mode
Description
0
0
0
Idle
Part is fully powered up but performing no conversion.
0
0
1
Continuous
Conversion
Part is repeatedly performing conversions, provided the
EnConv bit is set.
0
1
0
Single Conversion
Part performs a single conversion, provided the EnConv bit
is set. After finishing the conversion(s), the part goes to the
idle mode.
0
1
1
Power-Down
Powers down the on-chip circuits, except the digital
interface.
2
1
0
MD2
MD1
MD0
1
X
X
Reserved
Do not use these modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com