Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7151 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 1 Page - Analog Devices

  AD7151 Datasheet HTML 1Page - Analog Devices AD7151 Datasheet HTML 2Page - Analog Devices AD7151 Datasheet HTML 3Page - Analog Devices AD7151 Datasheet HTML 4Page - Analog Devices AD7151 Datasheet HTML 5Page - Analog Devices AD7151 Datasheet HTML 6Page - Analog Devices AD7151 Datasheet HTML 7Page - Analog Devices AD7151 Datasheet HTML 8Page - Analog Devices AD7151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Ultra-Low Power, 1-Channel, Capacitance
Converter for Proximity Sensing
AD7151
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Ultra-low power
2.7 V to 3.6 V, 70 μA
Response time: 10 ms
Adaptive environmental compensation
1 capacitance input channel
Sensor capacitance (CSENS) 0 pF up to 13 pF
Sensitivity to 1 fF
EMC tested
2 modes of operation
Standalone with fixed settings
Interfaced to a microcontroller for user-defined settings
Proximity detection output flag
2-wire serial interface (I2C compatible)
Operating temperature
−40°C to +85°C
10-lead MSOP package
APPLICATIONS
Proximity sensing
Contactless switching
Position detection
Level detection
GENERAL DESCRIPTION
The AD7151 delivers a complete signal processing solution for
capacitive proximity sensors, featuring an ultra-low power
converter with fast response time. The AD7150 is a 2-channel
alternative to the AD7151.
The AD7151 uses Analog Devices, Inc., capacitance-to-digital
converter (CDC) technology, which combines features
important for interfacing to real sensors, such as high input
sensitivity and high tolerance of both input parasitic ground
capacitance and leakage current.
The integrated adaptive threshold algorithm compensates for
any variations in the sensor capacitance due to environmental
factors like humidity and temperature or due to changes in the
dielectric material over time.
By default, the AD7151 operates in standalone mode using the
fixed power-up settings and indicates detection on a digital
output. Alternatively, the AD7151 can be interfaced to a
microcontroller via the serial interface, the internal registers can
be programmed with user-defined settings, and the data and
status can be read from the part.
The AD7151 operates with a 2.7 V to 3.6 V power supply. It is
specified over the temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
SERIAL
INTERFACE
CIN
CSENS
EXC
Σ-Δ CDC
EXCITATION
THRESHOLD
SCL
VDD
GND
AD7151
SDA
OUT
Figure 1.


Similar Part No. - AD7151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7151 AD-AD7151 Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
AD7151BRMZ AD-AD7151BRMZ Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
AD7151BRMZ-REEL AD-AD7151BRMZ-REEL Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
More results

Similar Description - AD7151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
986Kb / 28P
Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
logo
Shanghai Leiditech Elec...
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3521P LEIDITECH-RCLAMP3521P Datasheet
431Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com