Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT4053AFT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HCT4053AFT
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AFT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HCT4053AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
5
AC Characteristics (CL = 50 pF, Input tr = tf = 6 ns, GND = 0 V)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VEE (V) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Phase difference
between input and
output
φI/O
GND
GND
GND
4.5
5.5
9.0
⎯
⎯
⎯
6
5
4
12
11
⎯
⎯
⎯
⎯
15
14
⎯
ns
Output enable time
tpZL
tpZH
(Note 1)
GND
GND
GND
4.5
5.5
9.0
⎯
⎯
⎯
33
26
17
50
45
⎯
⎯
⎯
⎯
63
57
⎯
ns
Output disable time
tpLZ
tpHZ
(Note 1)
GND
GND
GND
4.5
5.5
9.0
⎯
⎯
⎯
45
37
26
65
59
⎯
⎯
⎯
⎯
81
73
⎯
ns
Control input
capacitance
Cin
⎯
⎯
⎯
5
10
⎯
10
pF
COMMON terminal
capacitance
CIS
−5.0
5.0
⎯
11
20
⎯
20
pF
SWITCH terminal
capacitance
COS
−5.0
5.0
⎯
7
15
⎯
15
pF
Feedthrough
capacitance
CIOS
−5.0
5.0
⎯
0.75
2
⎯
2
pF
Power dissipation
capacitance
CPD
(Note 2)
GND
5.0
⎯
67
⎯
⎯
⎯
pF
Note 1
RL = 1 kΩ
Note 2: CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD · VCC · fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com