Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT4053AFT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HCT4053AFT
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AFT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HCT4053AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 13
V
Supply voltage range
VCC − VEE
−0.5 to 13
V
Control input voltage
VIN
−0.5 to VCC + 0.5
V
Switch I/O voltage
VI/O
VEE − 0.5 to VCC + 0.5
V
Control input diode current
IICK
±20
mA
I/O diode current
IIOK
±20
mA
Switch through current
IT
±25
mA
DC VCC or ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
4.5 to 12
V
Supply voltage range
VEE
−7.5 to 0
V
Supply voltage range
VCC − VEE
4.5 to 12
V
Control input voltage
VIN
0 to VCC
V
Switch I/O voltage
VI/O
VEE to VCC
V
Operating temperature
Topr
−40 to 85
°C
Control input rise and fall time
tr, tf
0 to 500
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused control inputs must be tied to either VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com