Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT4053AFT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HCT4053AFT
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AFT Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HCT4053AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 9Page - Toshiba Semiconductor TC74HCT4053AFT Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
6
Analog Switch Characteristics (GND = 0 V, Ta = 25°C) (Note 1)
Test Condition
Characteristics
Symbol
VEE (V) VCC (V)
Typ.
Unit
Sine wave distortion
(T.H.D)
RL = 10 kΩ
CL = 50 pF
fIN = 1 kHz
VIN = 8.0 Vp-p
VIN = 11.0 Vp-p
−4.5
−5.5
4.5
5.5
0.020
0.019
%
(Note 2)
190
(Note 3)
−4.5
4.5
150
(Note 2)
200
Frequency response
(switch ON)
fMAX
Adjust fIN voltage to obtain 0dBm at VOS
Increase fIN frequency until dB meter
reads
−3dB
RL = 50 Ω, CL = 10 pF
fIN = 1 MHz, Sine wave
(Note 3)
−5.5
5.5
180
MHz
Feed through
attenuation
(switch OFF)
Vin is centered at (VCC − VEE)/2
Adjust input for 0dBm
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, Sine wave
−4.5
−5.5
4.5
5.5
−50
−50
dB
Crosstalk (control
input to signal output)
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, Square wave (tr = tf = 6 ns)
−4.5
−5.5
4.5
5.5
140
180
mV
Adjust VIN to obtain 0dBm at input
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, Sine wave
−4.5
−5.5
4.5
5.5
−50
−50
dB
Crosstalk (between
any switches)
RL = 50 Ω, CL = 15 pF
fIN = 100 kHz, VSWITCH = 1 VRMS
−4.5
4.5
−90
dB
Note 1: These characteristics are determined by design of devices.
Note 2: Input COMMON terminal, and measured at SWITCH terminal.
Note 3: Input SWITCH terminal, and measured at COMMON terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com