Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ07 Datasheet(PDF) 22 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 22 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 18Page - Astec America, Inc ALQ07 Datasheet HTML 19Page - Astec America, Inc ALQ07 Datasheet HTML 20Page - Astec America, Inc ALQ07 Datasheet HTML 21Page - Astec America, Inc ALQ07 Datasheet HTML 22Page - Astec America, Inc ALQ07 Datasheet HTML 23Page - Astec America, Inc ALQ07 Datasheet HTML 24Page - Astec America, Inc ALQ07 Datasheet HTML 25Page - Astec America, Inc ALQ07 Datasheet HTML 26Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Input Reverse Voltage Protection
Under installation and cabling conditions where reverse polarity across the input
may occur, reverse polarity protection is recommended. Protection can easily be
provided as shown in Figure ‘Reverse Polarity Protection Circuit’. In both cases the
diode used is rated for 3A/100V. Placing the diode across the inputs rather than
in-line with the input offers an advantage in that the diode only conducts in a reverse
polarity condition, this increases circuit efficiency and thermal performance.
Reverse Polarity Protection Circuit
EMC
Input filters are included in the converters to help achieve standard system
emissions certifications. Some users however, may find that additional input filtering
is necessary. The ALQ07 series has an internal switching frequency of 360kHz so a
high frequency capacitor mounted close to the input terminals produces the best
results. To reduce reflected noise, a capacitor can be added across the input as
shown in Figure ‘Ripple Rejection Input Filter’, forming a   filter. A 47uF/100V
electrolytic capacitor is recommended for Cin.
Ripple Rejection Input Filter
For conditions where EMI is a concern, a different input filter can be used. The
following figure ‘EMI Reduction Filter’ shows a filter designed to reduce EMI effects.
ALQ07 series can meet EN55022 CLASS A with the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com