Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ07 Datasheet(PDF) 23 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 23 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 19Page - Astec America, Inc ALQ07 Datasheet HTML 20Page - Astec America, Inc ALQ07 Datasheet HTML 21Page - Astec America, Inc ALQ07 Datasheet HTML 22Page - Astec America, Inc ALQ07 Datasheet HTML 23Page - Astec America, Inc ALQ07 Datasheet HTML 24Page - Astec America, Inc ALQ07 Datasheet HTML 25Page - Astec America, Inc ALQ07 Datasheet HTML 26Page - Astec America, Inc ALQ07 Datasheet HTML 27Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
The recommended values can refer to the following table:
Component
Value/Rating
Type
Description
Price
C1
None
None
None
-
C2
2.2uF/250Vac
Metal film capacitor
-
-
C3、C4、C8、
C9、C10、C11
4700pF/250Vac
Safety Y capacitor
-
-
C5、C6
0.022uF/275Vac
Safety Y capacitor
-
-
C7
1000pF/100V
Ceramic
-
-
C12、C13
0.1uF/50V
Ceramic
-
-
Cin
47uF/100V
Aluminum Electrolytic
Aluminum Electrolytic
-
100V-47uF±20%
-
10*12.5-105℃
-
Cout
220uF/10V
Tantalum
Each capacitor
ESR<100m
Ω
-
L1
2.7mH
Common
mode
Ferrite coreφ16 8/8,
ferrite
-
L2、L3
--
Ferrite Bead
Ferrite, 1206
package, 3A/50
Ω
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com