Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ07 Datasheet(PDF) 6 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 2Page - Astec America, Inc ALQ07 Datasheet HTML 3Page - Astec America, Inc ALQ07 Datasheet HTML 4Page - Astec America, Inc ALQ07 Datasheet HTML 5Page - Astec America, Inc ALQ07 Datasheet HTML 6Page - Astec America, Inc ALQ07 Datasheet HTML 7Page - Astec America, Inc ALQ07 Datasheet HTML 8Page - Astec America, Inc ALQ07 Datasheet HTML 9Page - Astec America, Inc ALQ07 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage
to the device. These are absolute stress ratings only. Functional operation of the
device is not implied at these or any other conditions in excess of those given in the
operational sections of the IPS. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ.
Max
Unit
Continuous:
All
VI
0
-
80
Vdc
Input Voltage
Transient (100ms)
All
VI, trans
0
-
100
Vdc
Operating Ambient Temperature
All
Ta
-40
-
60
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
95
%
Basic Input-Output Isolation
(Conditions: 50
µA for 5 sec,
slew rate of 1500V/10sec)
All
-
-
-
1,500
Vdc
Output Power
All
Po,max
-
-
30
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com