Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC23C10 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 1 Page - Texas Instruments

  AMC23C10 Datasheet HTML 1Page - Texas Instruments AMC23C10 Datasheet HTML 2Page - Texas Instruments AMC23C10 Datasheet HTML 3Page - Texas Instruments AMC23C10 Datasheet HTML 4Page - Texas Instruments AMC23C10 Datasheet HTML 5Page - Texas Instruments AMC23C10 Datasheet HTML 6Page - Texas Instruments AMC23C10 Datasheet HTML 7Page - Texas Instruments AMC23C10 Datasheet HTML 8Page - Texas Instruments AMC23C10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AMC23C10-Q1
Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
1 Features
• Wide high-side supply range: 3V to 27V
• Low-side supply range: 2.7V to 5.5V
• Trip threshold error: ±6mV (max)
• Open-drain and push-pull output
• Propagation delay: 230ns (typ)
• High CMTI:
– Open-drain output: 75V/ns (min)
– Push-pull output: 100V/ns (min)
• Safety-related certifications:
– 7000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Zero-crossing detection and general-purpose
monitoring in:
– Solid-state relays (SSR)
– Hybrid, electric, and powertrain systems
– Battery-management systems
– Onboard chargers
3 Description
The
AMC23C10-Q1
is
a
precision,
isolated
comparator with a short response time. This device
is specifically designed for zero-crossing detection
of high-voltage signals that are galvanically isolated
from low-voltage circuitry. The open-drain and push-
pull outputs are separated from the input circuitry
by an isolation barrier that is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced galvanic isolation up to 5kVRMS
according to VDE 0884-17 and UL1577. This barrier
also supports a working voltage up to 1kVRMS.
The device offers an open-drain and a push-pull
output with a propagation delay of less than 320ns.
The integrated low-dropout (LDO) regulator supports
an operating voltage range of 3V to 27V on the high-
voltage side. Thus, allowing the comparator to be
powered from a wide range of power supplies. The
operating voltage range on the low-side is 2.7V to
5.5V.
The AMC23C10-Q1 is available in an 8-pin, wide-
body SOIC package and is specified over the
extended industrial temperature range of –40°C to
+125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC23C10-Q1
DWV (SOIC, 8)
5.85mm × 11.5mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Low-side supply
(2.7..5.5V)
AMC23C10-Q1
GND1
INP
INN
VDD1
High-side supply
(3..27V)
LDO
GND2
OUT1
OUT2
VDD2
VAC
–
+
Typical Application
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC23C10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C10DWV TI-AMC23C10DWV Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C10DWVR TI-AMC23C10DWVR Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C10 TI-AMC23C10_V01 Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
More results

Similar Description - AMC23C10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C14 TI-AMC23C14 Datasheet
1Mb / 31P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
FEBRUARY 2022
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC23C11-Q1 TI-AMC23C11-Q1 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C14 TI-AMC23C14_V01 Datasheet
2Mb / 46P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
REVISED JULY 2022
AMC23C10 TI-AMC23C10_V01 Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C15-Q1 TI-AMC23C15-Q1 Datasheet
1Mb / 42P
AMC23C15-Q1 Automotive, Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
AMC23C15 TI-AMC23C15 Datasheet
1Mb / 42P
AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com